전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B65811-J-R41 데이터시트(PDF) 2 Page - EPCOS

부품명 B65811-J-R41
상세설명  RM cores are supplied in sets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B65811-J-R41 데이터시트(HTML) 2 Page - EPCOS

  B65811-J-R41 Datasheet HTML 1Page - EPCOS B65811-J-R41 Datasheet HTML 2Page - EPCOS B65811-J-R41 Datasheet HTML 3Page - EPCOS B65811-J-R41 Datasheet HTML 4Page - EPCOS B65811-J-R41 Datasheet HTML 5Page - EPCOS B65811-J-R41 Datasheet HTML 6Page - EPCOS B65811-J-R41 Datasheet HTML 7Page - EPCOS B65811-J-R41 Datasheet HTML 8Page - EPCOS B65811-J-R41 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
225 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-D with center hole
-J w/o center hole
N26
2900 + 30/– 20 % 1550
B65811-D-R26
N30
5700 + 30/– 20 % 2680
B65811-J-R30
T38
12500 + 40/– 30 % 5870
B65811-J-Y38
N49
2200 + 30/– 20 % 1040 1270
< 0,37
(50 mT, 500 kHz, 100
°C)
B65811-J-R49
N87
3300 + 30/– 20 % 1560 1900
< 1,20
(200 mT, 100 kHz, 100
°C)
B65811-J-R87
N971)
3300 + 30/– 20 % 1560 1900
< 1,00
(200 mT, 100 kHz, 100
°C)
B65811-J-R97
N41
4100 + 30/– 20 % 1930 1900
< 0,36
(200 mT, 25 kHz, 100
°C)
B65811-J-R41
1) Preliminary data
B65811
Core
RM 8



Html Pages

1 2 3 4 5 6 7 8 9