| 전자부품 데이터시트 검색엔진 |
|
B3D50120H2 데이터시트(PDF) 3 Page - BASIC SEMICONDUCTOR |
|
|
|||||||||||||||||||||||||||||
B3D50120H2 데이터시트(HTML) 3 Page - BASIC SEMICONDUCTOR |
|
3 / 7 page ![]() 3 / 7 www.basicsemi.com Electrical Characteristics Static Characteristics Symbol Parameter Test conditions Unit T j=25°C I F=50A Tj=25°C I F=50A Tj=175°C 1200 1.46 2.1 1.6 2.5 50 100 1 10 V V μA Min. Typ. Max. Value V DC V F I R DC blocking voltage Diode forward voltage Reverse current V R=1200V Tj=25°C V R=1200V Tj=175°C AC Characteristics Symbol Parameter Test conditions Unit 242 2690 228 165 69 Min. Typ. Max. Value Q C C E C Total capacitive charge Total capacitance Capacitance stored energy nC pF μJ V R=800V V R=1V f=1MHz V R=400V f=1MHz V R=800V f=1MHz V R=800V Tj=25°C Q C=∫0 C(V)dV VR B3D50120H2 SiC Schottky Diode Rev. 0.0 |