전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B63399-B5 데이터시트(PDF) 2 Page - EPCOS

부품명 B63399-B5
상세설명  RM cores are supplied in sets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B63399-B5 데이터시트(HTML) 2 Page - EPCOS

  B63399-B5 Datasheet HTML 1Page - EPCOS B63399-B5 Datasheet HTML 2Page - EPCOS B63399-B5 Datasheet HTML 3Page - EPCOS B63399-B5 Datasheet HTML 4Page - EPCOS B63399-B5 Datasheet HTML 5Page - EPCOS B63399-B5 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
217 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-J w/o center hole
N30
5000 + 30/– 20 % 2780
B65819-J-R30
T38
10000 +40/– 30 % 5570
B65819-J-Y38
N49
1900 + 30/– 20 % 1070
1070
< 0,22
(50 mT, 500 kHz, 100
°C)
B65819-J-R49
N87
2700 + 30/– 20 % 1510
1600
< 0,77
(200 mT, 100 kHz, 100
°C)
B65819-J-R87
N971)
2700 + 30/– 20 % 1510
1600
< 0,58
(200 mT, 100 kHz, 100
°C)
B65819-J-R97
1) Preliminary data
B65819
Core
RM 7



Html Pages

1 2 3 4 5 6