전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS40K550QP 데이터시트(PDF) 3 Page - EPCOS

부품명 LS40K550QP
상세설명  Strap Varistors HighE Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

LS40K550QP 데이터시트(HTML) 3 Page - EPCOS

  LS40K550QP Datasheet HTML 1Page - EPCOS LS40K550QP Datasheet HTML 2Page - EPCOS LS40K550QP Datasheet HTML 3Page - EPCOS LS40K550QP Datasheet HTML 4Page - EPCOS LS40K550QP Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
229 04/02
Varistor elements without coating (suitable for soldering) are available upon request.
Designation:
SIOV-D40K … QK6
Characteristics (TA = 25 °C)
Types
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamp. voltage Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
LS40K130QP / LS40K130QPK2
205
± 10
340
300
5600
260
282
LS40K140QP / LS40K140QPK2
220
± 10
365
300
5200
260
282
LS40K150QP / LS40K150QPK2
240
± 10
395
300
4800
260
282
LS40K230QP / LS40K230QPK2
360
± 10
595
300
3200
261
282
LS40K250QP / LS40K250QPK2
390
± 10
650
300
2900
261
282
LS40K275QP / LS40K275QPK2
430
± 10
710
300
2700
261
282
LS40K320QP / LS40K320QPK2
510
± 10
840
300
2300
261
282
LS40K385QP / LS40K385QPK2
620
± 10
1025
300
1900
261
282
LS40K420QP / LS40K420QPK2
680
± 10
1120
300
1800
261
282
LS40K440QP / LS40K440QPK2
715
± 10
1180
300
1700
261
282
LS40K460QP / LS40K460QPK2
750
± 10
1240
300
1600
261
282
LS40K550QP / LS40K550QPK2
910
± 10
1500
300
1400
261
282
LS40K680QP / LS40K680QPK2 1100
± 10
1815
300
1100
261
282
LS40K750QP / LS40K750QPK2 1200
± 10
2000
300
1000
261
282
HighE Series
Strap Varistors



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com