전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT2.4G 데이터시트(PDF) 2 Page - Yuechung International Corp.

부품명 AT2.4G
상세설명  2.4 GHz External Antenna with Cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YIC [Yuechung International Corp.]
홈페이지  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

AT2.4G 데이터시트(HTML) 2 Page - Yuechung International Corp.

  AT2.4G Datasheet HTML 1Page - Yuechung International Corp. AT2.4G Datasheet HTML 2Page - Yuechung International Corp. AT2.4G Datasheet HTML 3Page - Yuechung International Corp. AT2.4G Datasheet HTML 4Page - Yuechung International Corp. AT2.4G Datasheet HTML 5Page - Yuechung International Corp. AT2.4G Datasheet HTML 6Page - Yuechung International Corp. AT2.4G Datasheet HTML 7Page - Yuechung International Corp. AT2.4G Datasheet HTML 8Page - Yuechung International Corp. AT2.4G Datasheet HTML 9Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Yuechung International Corp. (YIC)
2
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
AT2.4G Series
1. Product Information
1.1 Product Description
This specification covers the external antenna for Wi-Fi and Bluetooth.
2. Part NO. : AT2.4G-09082-2.0BT / AT2.4G-09082-2.0BTH (Antenna + Holder)
3. Electrical Characteristics
Characteristics
SPEC
Work Frequency
2450 ± 50 MHz
Impedance
50 0hm Nominal
V.S.W.R
1.92 : 1 Max
Return Loss
-10 dB Max
Radiation
Omni-directional
Gain (Peak)
2.0 dBi
Cable Loss
2.3 dB / m Max @ 2450 MHz
Polarization
Linear, Vertical
Admitted Power
1 W
Antenna Material
TPE / PC / Cu
Cable Type
RG-113
Operating Temp.
-10 ~ +60 ˚C
Storage Temp.
-10 ~ +70 ˚C



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com