전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B82793-C0 데이터시트(PDF) 2 Page - EPCOS

부품명 B82793-C0
상세설명  Chokes for Data and Signal Lines
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B82793-C0 데이터시트(HTML) 2 Page - EPCOS

  B82793-C0 Datasheet HTML 1Page - EPCOS B82793-C0 Datasheet HTML 2Page - EPCOS B82793-C0 Datasheet HTML 3Page - EPCOS B82793-C0 Datasheet HTML 4Page - EPCOS B82793-C0 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
248 04/00
Dimensional drawing
Layout recommendation
SSB1350-5
6,0 max.
max. 0,1 A
7,1 max.
+0,4
0,2
9 _
A
Beschriftung
Marking
B82793-C0
Chokes for Data and Signal Lines
B82793-S0
Double Chokes



Html Pages

1 2 3 4 5