전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B84144-A120-R 데이터시트(PDF) 10 Page - EPCOS

부품명 B84144-A120-R
상세설명  4-Line Filters for Converters and Power Electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B84144-A120-R 데이터시트(HTML) 10 Page - EPCOS

Back Button B84144-A120-R Datasheet HTML 5Page - EPCOS B84144-A120-R Datasheet HTML 6Page - EPCOS B84144-A120-R Datasheet HTML 7Page - EPCOS B84144-A120-R Datasheet HTML 8Page - EPCOS B84144-A120-R Datasheet HTML 9Page - EPCOS B84144-A120-R Datasheet HTML 10Page - EPCOS B84144-A120-R Datasheet HTML 11Page - EPCOS B84144-A120-R Datasheet HTML 12Page - EPCOS B84144-A120-R Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
283 04/02
4-Line Filters
B84144
for Converters and Power Electronics
Maßbild B84144-G1600-S
SSB0999-Z
4 x M8 x 7
N
N
360±0,8
262
L2/
L2/
NN
340±1
40
ø12
ø14
LINE
20 +1
40
690±3
870±3
N
L2
L1
L3
65
PE M12 x 30
Marking
=
680+4
L3
L3
L1
L1
=
4 x M8 x 7
PE M12 x 30
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13