전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B84144-A150-R 데이터시트(PDF) 9 Page - EPCOS

부품명 B84144-A150-R
상세설명  4-Line Filters for Converters and Power Electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B84144-A150-R 데이터시트(HTML) 9 Page - EPCOS

Back Button B84144-A150-R Datasheet HTML 5Page - EPCOS B84144-A150-R Datasheet HTML 6Page - EPCOS B84144-A150-R Datasheet HTML 7Page - EPCOS B84144-A150-R Datasheet HTML 8Page - EPCOS B84144-A150-R Datasheet HTML 9Page - EPCOS B84144-A150-R Datasheet HTML 10Page - EPCOS B84144-A150-R Datasheet HTML 11Page - EPCOS B84144-A150-R Datasheet HTML 12Page - EPCOS B84144-A150-R Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
282 04/02
4-Line Filters
B84144
for Converters and Power Electronics
B84144-G1000-S
SSB0998-R
4 x M8 x 7
x
PE M12 x 30
N
N
360±0,8
65
262
L2/
L2/
NN
320±1
40
ø12
ø14
LINE
20+1
40
660±3
840±3
L3
L1
N
L2
=
Marking
L3
L1
L3
L1
650+4
=
4 x M8 x 7
PE M12 x 30
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13