전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

56F826 데이터시트(PDF) 51 Page - Freescale Semiconductor, Inc

부품명 56F826
상세설명  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F826 데이터시트(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 56F826 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F826 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Thermal Design Considerations
56F826 Technical Data, Rev. 14
Freescale Semiconductor
51
Part 5 Design Considerations
5.1 Thermal Design Considerations
An estimation of the chip junction temperature, TJ, in °C can be obtained from the equation:
Equation 1:
Where:
TA = ambient temperature °C
RθJA = package junction-to-ambient thermal resistance °C/W
PD = power dissipation in package
Historically, thermal resistance has been expressed as the sum of a junction-to-case thermal resistance and
a case-to-ambient thermal resistance:
Equation 2:
Where:
RθJA = package junction-to-ambient thermal resistance °C/W
RθJC = package junction-to-case thermal resistance °C/W
RθCA = package case-to-ambient thermal resistance °C/W
RθJC is device-related and cannot be influenced by the user. The user controls the thermal environment to
change the case-to-ambient thermal resistance, RθCA. For example, the user can change the air flow around
the device, add a heat sink, change the mounting arrangement on the Printed Circuit Board (PCB), or
otherwise change the thermal dissipation capability of the area surrounding the device on the PCB. This
model is most useful for ceramic packages with heat sinks; some 90% of the heat flow is dissipated through
the case to the heat sink and out to the ambient environment. For ceramic packages, in situations where
the heat flow is split between a path to the case and an alternate path through the PCB, analysis of the
device thermal performance may need the additional modeling capability of a system-level thermal
simulation tool.
The thermal performance of plastic packages is more dependent on the temperature of the PCB to which
the package is mounted. Again, if the estimations obtained from RθJA do not satisfactorily answer whether
the thermal performance is adequate, a system-level model may be appropriate.
Definitions:
A complicating factor is the existence of three common definitions for determining the junction-to-case
thermal resistance in plastic packages:
•
Measure the thermal resistance from the junction to the outside surface of the package (case) closest to the
chip mounting area when that surface has a proper heat sink. This is done to minimize temperature variation
across the surface.
•
Measure the thermal resistance from the junction to where the leads are attached to the case. This definition
is approximately equal to a junction-to-board thermal resistance.
TJ
TA
PD RθJA
×
()
+
=
RθJA
RθJC RθCA
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com