전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56362 데이터시트(PDF) 80 Page - Freescale Semiconductor, Inc

부품명 DSP56362
상세설명  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 데이터시트(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
Serial Host Interface SPI Protocol Timing
DSP56362 Technical Data, Rev. 4
3-54
Freescale Semiconductor
Figure 3-34 SPI Master Timing (CPHA = 0)
159
SS deassertion to HREQ output not
deasserted (CPHA = 0)
Slave
—
2.5
×T
C+30
55
—
ns
160
SS deassertion pulse width (CPHA = 0)
Slave
—
TC+6
16
—
ns
161
HREQ in assertion to first SCK edge
Master
Bypassed
Narrow
Wide
0.5
× t
SPICC +
2.5
×T
C+43
0.5
×t
SPICC +
2.5
×T
C+43
0.5
×t
SPICC +
2.5
×T
C+43
121
174
209
—
—
—
ns
162
HREQ in deassertion to last SCK sampling
edge (HREQ in set-up time) (CPHA = 1)
Master
—
0
0
—
ns
163
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
—
0
0
—
ns
Note: Periodically sampled, not 100% tested
Table 3-21 Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics
Mode
Filter Mode
Expression
100MHz
Unit
Min
Max
SS
(Input)
MISO
(Input)
Valid
MOSI
(Output)
MSB
Valid
LSB
MSB
LSB
HREQ
(Input)
141
142
143
144
144
141
144
144
143
142
148
149
149
148
152
153
163
161
AA0271
SCK (CPOL=0
(Output)
SCK (CPOL = 1
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com