전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSMM104 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MSMM104
상세설명  SOUNDCARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MSMM104 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MSMM104 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSMM104 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROSPACE PC/104
SOUNDCARD
MSMM104
Features
• Compatible with: Sound Blaster ProTM - 8 Bit, AD LibTM ,
Microsoft® WindowsTM Sound SystemTM
• FM type synthesizer (OPL-3comp.)
• ISA Plug & Play Spec. 1.0A
• Supports 16-bit Type F DMA playback
• 6-channel digital mixer
• EEPROM for configuration
• 2 Watt Stereo Speaker Output
• Software controlled 3D Enhancement
• Game Port (not for Pentium CPU)
Description
The MICROSPACE module MSMM104 board integrates a Sound Blaster Pro compatible audio circuit. The board is based on Analog
Device’s AD1816 Sound Port Controller and integrates a complete audio engine that processes analog and digital audio for personal
computers.
The PC/104 board will be shipped with application software and device drivers for the common operating platforms, including
Windows 3.1x, Windows 95, Windows NT 3.5 & 4.0 and OS/2.
As an option, the MSMM104 can be equipped with the Wavetable of Yamaha (OPL-4)
Ordering Information
Item codes
Part #
Description
MSMM104
801048
MicroSpace PC/104 SoundPort


유사한 부품 번호 - MSMM104

제조업체부품명데이터시트상세설명
logo
ADL Embedded Solutions
MSMMI104EX ADL-MSMMI104EX Datasheet
195Kb / 1P
PCIe MiniCard Adapter
MSMMX104EX ADL-MSMMX104EX Datasheet
213Kb / 1P
Adaptor Board to Accept MXM-II Graphics Module
More results


Html Pages

1 2