전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML2002 데이터시트(PDF) 6 Page - Minilogic Device Corporation Limited

부품명 ML2002
상세설명  Static/Half Duty LCD COG Driver with Real Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINILOGIC [Minilogic Device Corporation Limited]
홈페이지  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002 데이터시트(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML2002 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
P6/13
Preliminary, November 2008
ML2002 Preliminary
Chip Size :
Part Number Description
Chip Size
ML2002-1U One ML2002 LCD driver
3660 x 660
ML2002-2U Two ML2002 LCD driver
7320 x 660
Chip Thickness : 700 um + 25 um
Gold Bump Pad Size : 32 um x 72 um
Gold Bump Height : 18 um + 2 um
Note :
The die faces up in the diagram
Pad Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13