전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAC7101MVM50 데이터시트(PDF) 22 Page - Freescale Semiconductor, Inc

부품명 MAC7101MVM50
상세설명  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101MVM50 데이터시트(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MAC7101MVM50 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 19Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 20Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 21Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 22Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 23Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 24Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 25Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
22
Figure 7. Read/Write Bus Cycles, Internal Termination
AS(1)
CLKOUT
CSn
ADDR[21:0]
OE
R/W
BS[1:0]
S0
S2
S1
S3
S4
S5
S0
S1
S2
S3
S4
S5
DATA[15:0]
M6a
M7b
M6a
M7b
M8
M8
M8
M9
M6c
M7a
M1
M9
M6b
M6b
M7a
M7a
M4
M5
M10
M11
M12
M6d
M7c
M7c
M6d
1. The TA / AS signals are multiplexed on a single pin, so only one function may be used during bus transactions.
TA(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56