전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39RFS10 데이터시트(PDF) 39 Page - Texas Instruments

부품명 DAC39RFS10
상세설명  DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 데이터시트(HTML) 39 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 35Page - Texas Instruments DAC39RFS10 Datasheet HTML 36Page - Texas Instruments DAC39RFS10 Datasheet HTML 37Page - Texas Instruments DAC39RFS10 Datasheet HTML 38Page - Texas Instruments DAC39RFS10 Datasheet HTML 39Page - Texas Instruments DAC39RFS10 Datasheet HTML 40Page - Texas Instruments DAC39RFS10 Datasheet HTML 41Page - Texas Instruments DAC39RFS10 Datasheet HTML 42Page - Texas Instruments DAC39RFS10 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, 2 channels, FINPUT = 2.56 GSPS, JMODE 1, 8b/10b encoding, 4x Interpolation, FCLK = 10.24 GHz, FOUT = 2997
MHz, NRZ mode, IFSSWITCH = 20.5 mA, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 13: Single channel
devices (DAC39RFSxx), FINPUT = 15.6
GSPS, JMODE 8 (12-bit resolution),
64b/66b encoding, FDAC = 15.6 GSPS,
FOUT = 7997 MHz, DES mode
58
mA
IVDDIO
1.8-V supply current for VDDIO
1
IVDDCSR
1.8-V combined supply current for
VDDCLK18, VDDSYS18 and VDDR18
159
IVDDL
1.0-V combined supply current for
VDDLB, VDDLA
130
IVDDCLK
1.0-V supply current for VDDCLK10
245
IDVDD
1.0-V supply current for VDDDIG,
VDDT, VDDEB and VDDEA
1684
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
70
PDIS
Total power dissipation
2577
mW
PDIS
Total power dissipation
Power Mode 14: Sleep, MODE[1:0] =
0b11.
165
mW
www.ti.com
DAC39RF10, DAC39RFS10
SBASAC8B – MAY 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DAC39RF10 DAC39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com