전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M404 데이터시트(PDF) 27 Page - B&K Precision Corporation

부품명 M404
상세설명  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BK [B&K Precision Corporation]
홈페이지  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M404 데이터시트(HTML) 27 Page - B&K Precision Corporation

Back Button M404 Datasheet HTML 23Page - B&K Precision Corporation M404 Datasheet HTML 24Page - B&K Precision Corporation M404 Datasheet HTML 25Page - B&K Precision Corporation M404 Datasheet HTML 26Page - B&K Precision Corporation M404 Datasheet HTML 27Page - B&K Precision Corporation M404 Datasheet HTML 28Page - B&K Precision Corporation M404 Datasheet HTML 29Page - B&K Precision Corporation M404 Datasheet HTML 30Page - B&K Precision Corporation M404 Datasheet HTML 31Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
21
7. Center Frequency <FREQ>
When
is pushed, the following function menu is displayed.
7.1
Setting with step keys ( [F1], [F2] )
1. When
is pushed, the center frequency decreases in the set step size.
2. When
is pushed, the center frequency increases in the set step size.
3. Setting step size:
When
is pushed, the step size is changed according to the following.
AUTO
100MHz
10MHz
1MHz
100kHz
20kHz
AUTO : The step size is 1/10 of the frequency span.
However, only for 500 kHz frequency span, the step size is set to 50 kHz.
If the frequency span is less than 500 kHz, the step size is set to 20 kHz.
AUTO is recommended for normal use.
7.2
Setting with encoder
1. By rotating
, the center frequency is changed in the set step size.
2. Setting step size:
When
is pushed, the step size is changed according to the following.
AUTO
100MHz
10MHz
1MHz
100kHz
20kHz
AUTO : The step size is 1/500 of the frequency span
However, if the frequency span is less than 5 MHz, the step size is set to 20 kHz.
AUTO is recommended for normal use.
CENTER FREQ
KeyStep
100M
EncStep
0.1M
SET
MKR
Ten Key
Mode
←
→
F1
F2
F3
F4
F5
F6
FREQ
* Center frequency setting range: 0 to 3.3 GHz for 2650A/2652A/2651, 0 to 8.5 GHz for 2658A
* The center frequency may shift for a while (up to 10 sec.), after setting is changed.
F1
F2
F3
F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com