전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

710331 데이터시트(PDF) 2 Page - PCTEL, Inc.

부품명 710331
상세설명  Smarteq™ MiniWing™ LTE Multiband Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCTEL [PCTEL, Inc.]
홈페이지  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710331 데이터시트(HTML) 2 Page - PCTEL, Inc.

  710331 Datasheet HTML 1Page - PCTEL, Inc. 710331 Datasheet HTML 2Page - PCTEL, Inc. 710331 Datasheet HTML 3Page - PCTEL, Inc. 710331 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
> pctel.com/antenna-products
Certifications
Smarteq™ MiniWing™ LTE Multiband Antenna
Cellular Antennas (5G, LTE, CBRS, 3G, 2G) – Omnidirectional
The Smarteq™ MiniWing™ is an omnidirectional multiband antenna with a slim and discreet
design. It is designed to meet a constant need for improved and reliable communication between
vehicles and the cellular network. It is the perfect solution for vehicles when outside installation is
not an option. MiniWing can also be used for different M2M applications.
Features
• Adhesive mounted
• Operating system: 2G/3G/4G
• Frequency: 790-960/1710-2690MHz
• Gain: 2dBi
• Color: Black
Applications
• Intelligent Transportation Systems
• V2V
• M2M
DATASHEET ID 550 144 F



Html Pages

1 2 3 4