| 전자부품 데이터시트 검색엔진 |
|
TSV321IDT 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV321IDT 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() Electrical Characteristics TSV321-TSV358-TSV324 6/15 Figure 1. Supply current/amplifier vs. supply voltage Figure 2. Supply current/amplifier vs. temperature Figure 3. Output power vs. supply voltage Figure 4. Input offset voltage drift vs. temperature Figure 5. Input bias current vs. temperature Figure 6. Open loop gain vs. temperature 02 468 Supply Voltage (V) 0 100 200 300 400 500 600 Tamb = 25°C 02 468 Supply Voltage (V) 0 100 200 300 400 500 600 Tamb = 25°C -40 -20 0 204060 80 100 120 140 Temperature (°C) 250 300 350 400 450 500 550 Vcc = 5V Vcc = 3V -40 -20 0 204060 80 100 120 140 Temperature (°C) 250 300 350 400 450 500 550 Vcc = 5V Vcc = 3V 123 45 6 Supply Voltage (V) 0 10 20 30 40 50 60 10% distortion 1% distortion 0.1% distortion RL = 32 ohms 123 45 6 Supply Voltage (V) 0 10 20 30 40 50 60 10% distortion 1% distortion 0.1% distortion RL = 32 ohms -40 -20 0 20406080 100 120 140 Temperature (°C) -150 -100 -50 0 50 100 150 200 Vcc = 3V Vcc = 5V -40 -20 0 20406080 100 120 140 Temperature (°C) -150 -100 -50 0 50 100 150 200 Vcc = 3V Vcc = 5V -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -40.0 -30.0 -20.0 -10.0 0.0 10.0 Vcc = 3V Vicm = 1.5V -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -40.0 -30.0 -20.0 -10.0 0.0 10.0 Vcc = 3V Vicm = 1.5V -40 -20 0 20 406080 100 120 140 Temperature (°C) 70 80 90 100 110 Vcc = 5V Vicm = 2.5V RL = 600 ohms RL = 2 kOhms -40 -20 0 20 406080 100 120 140 Temperature (°C) 70 80 90 100 110 Vcc = 5V Vicm = 2.5V RL = 600 ohms RL = 2 kOhms |