전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

805R 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 805R
상세설명  3V Supervisor with Battery Switchover
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

805R 데이터시트(HTML) 5 Page - STMicroelectronics

  805R Datasheet HTML 1Page - STMicroelectronics 805R Datasheet HTML 2Page - STMicroelectronics 805R Datasheet HTML 3Page - STMicroelectronics 805R Datasheet HTML 4Page - STMicroelectronics 805R Datasheet HTML 5Page - STMicroelectronics 805R Datasheet HTML 6Page - STMicroelectronics 805R Datasheet HTML 7Page - STMicroelectronics 805R Datasheet HTML 8Page - STMicroelectronics 805R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/32
STM690/704/795/802/804/805/806
Figure 5. STM690/802/804/805 Connections
Note: 1. For STM804/805, reset output is active-high and open
drain.
Figure 6. STM704/806 Connections
Figure 7. STM795 Connections
1
PFO
PFI
WDI
RST(RST)(1)
VCC
VOUT
VBAT
VSS
AI08849
SO8/TSSOP8
2
3
4
8
7
6
5
1
PFO
PFI
MR
RST
VCC
VOUT
VBAT
VSS
AI08850
SO8/TSSOP8
2
3
4
8
7
6
5
1
ECON
VSS
RST
VCC
VOUT
VBAT
VCCSW
AI08851
SO8/TSSOP8
2
3
4
8
7
6
5
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32