| 전자부품 데이터시트 검색엔진 |
|
93AA76CI/MSG 데이터시트(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93AA76CI/MSG 데이터시트(HTML) 3 Page - Microchip Technology |
|
3 / 26 page ![]() 2004 Microchip Technology Inc. DS21796D-page 3 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C TABLE 1-2: AC CHARACTERISTICS All parameters apply over the specified ranges unless otherwise noted. VCC = 1.8V to 5.5V Industrial (I): TA = -40°C to +85°C Automotive (E): TA = -40°C to +125°C Param. No. Symbol Parameter Min Max Units Conditions A1 FCLK Clock frequency — 3 2 1 MHz MHz MHz 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A2 TCKH Clock high time 200 250 450 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A3 TCKL Clock low time 100 200 450 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A4 TCSS Chip Select setup time 50 100 250 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A5 TCSH Chip Select hold time 0 — ns 1.8V ≤ VCC < 5.5V A6 TCSL Chip Select low time 250 — ns 1.8V ≤ VCC < 5.5V A7 TDIS Data input setup time 50 100 250 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A8 TDIH Data input hold time 50 100 250 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A9 TPD Data output delay time — 100 250 400 ns ns ns 4.5V ≤ VCC < 5.5V, CL = 100 pF 2.5V ≤ VCC < 4.5V, CL = 100 pF 1.8V ≤ VCC < 2.5V, CL = 100 pF A10 TCZ Data output disable time — 100 200 ns ns 4.5V ≤ VCC < 5.5V, (Note 1) 1.8V ≤ VCC < 4.5V, (Note 1) A11 TSV Status valid time — 200 300 500 ns ns ns 4.5V ≤ VCC < 5.5V, CL = 100 pF 2.5V ≤ VCC < 4.5V, CL = 100 pF 1.8V ≤ VCC < 2.5V, CL = 100 pF A12 TWC Program cycle time — 5 ms Erase/Write mode (AA and LC versions) A13 TWC — 2 ms Erase/Write mode (93C versions) A14 TEC — 6 ms ERAL mode, 4.5V ≤ VCC ≤ 5.5V A15 TWL — 15 ms WRAL mode, 4.5V ≤ VCC ≤ 5.5V A16 — Endurance 1M — cycles 25°C, VCC = 5.0V, (Note 2) Note 1: This parameter is periodically sampled and not 100% tested. 2: This application is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which may be obtained from www.microchip.com. |