전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST485ER 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 ST485ER
상세설명  짹15KV ESD protected, Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ER 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button ST485ER_06 Datasheet HTML 10Page - STMicroelectronics ST485ER_06 Datasheet HTML 11Page - STMicroelectronics ST485ER_06 Datasheet HTML 12Page - STMicroelectronics ST485ER_06 Datasheet HTML 13Page - STMicroelectronics ST485ER_06 Datasheet HTML 14Page - STMicroelectronics ST485ER_06 Datasheet HTML 15Page - STMicroelectronics ST485ER_06 Datasheet HTML 16Page - STMicroelectronics ST485ER_06 Datasheet HTML 17Page - STMicroelectronics ST485ER_06 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
ST485ER
14/19
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19