전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRSZ 데이터시트(PDF) 4 Page - NIC-Components Corp.

부품명 NRSZ
상세설명  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIC [NIC-Components Corp.]
홈페이지  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ 데이터시트(HTML) 4 Page - NIC-Components Corp.

  NRSZ Datasheet HTML 1Page - NIC-Components Corp. NRSZ Datasheet HTML 2Page - NIC-Components Corp. NRSZ Datasheet HTML 3Page - NIC-Components Corp. NRSZ Datasheet HTML 4Page - NIC-Components Corp. NRSZ Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
88
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
89
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
NRSZ Series
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max.
Tan
δ
Max. LC
(
µA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C 100KHz/-10°C
35
22
220
5x11
2.0
0.12
7.7
0.42
0.84
190
33
330
6.3x11
2.5
0.12
11.6
0.42
0.84
190
47
470
6.3x11
2.5
0.12
16.5
0.32
0.64
280
68
680
6.3x11
2.5
0.12
19.6
0.22
0.44
300
82
820
6.3x11
2.5
0.12
28.7
0.24
0.48
280
100
101
8x11.5
3.5
0.12
35.0
0.11
0.22
560
120
121
8x12.5
3.5
0.12
42.0
0.11
0.22
570
10x12.5
5.0
0.14
42.0
0.14
0.28
560
150
151
8x15
3.5
0.12
52.5
0.085
0.17
730
10x12.5
5.0
0.12
52.5
0.12
0.24
635
220
221
8x20
3.5
0.12
77.0
0.069
0.14
800
10x16
5.0
0.12
77.0
0.085
0.17
950
330
331
10x20
5.0
0.12
115
0.044
0.088
1250
390
391
10x20
5.0
0.12
136
0.054
0.11
1190
470
471
10x20
5.0
0.12
164
0.054
0.11
1250
560
561
12.5x20
5.0
0.12
196
0.042
0.084
1400
680
681
12.5x20
5.0
0.12
238
0.038
0.076
1600
1000
102
12.5x25
5.0
0.12
350
0.029
0.058
1800
16x21
7.5
0.12
350
0.037
0.074
1700
1200
122
16x25
7.5
0.12
420
0.029
0.058
2000
1500
152
16x25
7.5
0.13
525
0.022
0.044
2100
2200
222
16x31
7.5
0.14
770
0.018
0.036
2350
16x35.5
7.5
0.14
770
0.018
0.036
2550
2700
272
18x35.5
7.5
0.15
945
0.018
0.036
2800
3300
332
18x35.5
7.5
0.16
1155
0.022
0.044
2700
50
1.0
1R0
5x11
2.0
0.10
3.0
3.3
6.6
30
2.2
2R2
5x11
2.0
0.10
3.0
3.0
6.0
45
4.7
4R7
5x11
2.0
0.10
3.0
2.0
4.0
90
10
100
5x11
2.0
0.10
5.0
1.7
3.4
110
15
150
5x11
2.0
0.10
7.5
1.2
2.4
130
18
180
5x11
2.0
0.10
9.0
1.0
2.0
150
22
220
5x11
2.0
0.10
11.0
0.70
1.4
160
33
330
6.3x11
2.5
0.10
16.5
0.55
1.1
200
39
390
6.3x11
2.5
0.10
19.5
0.55
1.1
200
47
470
6.3x11
2.5
0.10
23.5
0.43
0.86
220
68
680
8x11.5
3.5
0.10
34.0
0.26
0.52
360
82
820
8x12.5
3.5
0.10
41.0
0.24
0.48
400
100
101
8x15
3.5
0.10
50.0
0.18
0.36
500
10x12.5
5.0
0.10
50.0
0.25
0.50
520
120
121
8x20
3.5
0.10
60.0
0.16
0.32
650
10x12.5
5.0
0.10
60.0
0.16
0.32
550
150
151
8x20
3.5
0.10
75.0
0.16
0.32
650
180
181
10x16
5.0
0.10
90.0
0.12
0.24
760
220
221
10x20
5.0
0.10
110
0.10
0.20
850
330
331
10x22
5.0
0.10
165
0.072
0.16
1000
390
391
12.5x20
5.0
0.10
195
0.059
0.12
1200
16x15
7.5
0.10
195
0.08
0.16
1610
470
471
12.5x20
5.0
0.10
235
0.059
0.12
1200
560
561
12.5x25
5.0
0.10
280
0.045
0.092
1400
680
681
16x21
7.5
0.10
340
0.068
0.136
1300
1000
102
16x25
7.5
0.10
500
0.039
0.078
1750
1200
122
16x31.5
7.5
0.10
600
0.025
0.058
2100
1500
152
16x35.5
7.5
0.11
750
0.025
0.058
2300
1800
182
18x35.5
7.5
0.11
900
0.024
0.048
2400



Html Pages

1 2 3 4 5