| 전자부품 데이터시트 검색엔진 |
|
DFB2426 데이터시트(PDF) 27 Page - Jonard Tools. |
|
|
|||||||||||||||||||||||||||||
DFB2426 데이터시트(HTML) 27 Page - Jonard Tools. |
|
27 / 52 page ![]() 27 Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com 1 INDUSTRIES CORP. LONG NOSE GRIPPING PRESSING PLIERS Long nose pliers for gripping and pressing. Inner surface of the jaws are knurled near the end to facilitate gripping wire, binding post nuts etc. Aluminum oxide insulation coating on the outside nose surface. The inside gripping jaws are provided with mated grooves near the joint for use in pressing .032/.035” brass sleeves. Orange plastic handle, 6 5/8” long. JONARD P/N DESCRIPTION EELLO ON NG GN NO OSSEE Long Nose Gripping Pressing Pliers LONG & SHORT NOSE PLIERS EELLO ON NG GN NO OSSEE B BSSH HO OR RTTN NO OSSEE SHORTNOSE PLIERS Intended for use in skinning 22-24 AWG wire and crushing insulation in nose slot. The front portion of the jaws is narrowed, and a portion of the inner face of one jaw is relieved to skin insulation from wire. The inner surface of the jaws are serrated to facilitate gripping wire. Orange plastic handle 6 3/16” long. JONARD P/N DESCRIPTION B BSSH HO OR RTTN NO OSSEE Shortnose pliers JJIIC C--884422 B BLLO ON NG GN NO OSSEE TELECOM LONG NOSE D PLIERS Pliers are for general use looping, bending and cutting. Grips small wires and parts and reaches into tight spaces. Jaws are knurled, serrated and have side cutting blades. Cushion gripped yellow plastic handle 6 7/8” long. JJO ON NA AR RD D PP//N N D DEESSC CR RIIPPTTIIO ON N JJIIC C--884422 Telecom Long Nose D Pliers LONG NOSE GENERAL USE PLIERS Chain nose pliers for general use. Inner surface of the jaws are knurled near the end to facilitate gripping wire, binding post nuts etc. Orange plastic handle, 6 5/8” long. Ask for the DLONGNOSE which is identical to the BLONGNOSE but has an aluminum oxide insulating coating on the outside nose surface. JJO ON NA AR RD D PP//N N D DEESSC CR RIIPPTTIIO ON N B BLLO ON NG GN NO OSSEE Long Nose General Use Pliers |