전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OC11EX/3G.2 데이터시트(PDF) 2 Page - Turck, Inc.

부품명 OC11EX/3G.2
상세설명  excom I/O System PROFIBUS-DP – Fiber-Optic Coupler for Zone 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TURCK [Turck, Inc.]
홈페이지  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

OC11EX/3G.2 데이터시트(HTML) 2 Page - Turck, Inc.

  OC11EX/3G.2 Datasheet HTML 1Page - Turck, Inc. OC11EX/3G.2 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 2
Type
OC11EX/3G.2
ID
6890428
Nominal voltage
24 VDC
Operating voltage
18…32 VDC
Current consumption
100 mA
Galvanic isolation
Complete galvanic isolation acc. to EN 60079-11
Number of channels
1
Transmission rate
9.6 kbps up to 1.5 Mbps
Type of optical fiber
Multimode fiber 62.5/125 µm
Ex approval acc. to conformity certificate
IECEx PTB 16.0002X
Ex approval acc. to conformity certificate
PTB 05 ATEX 2052 X
Device designation
É
II 3(2) G Ex nAc [op is Gb] IIC T4
Displays/Operating elements
Operational readiness
1 × green
State/ Fault
2 × yellow/red
Baud rate detection
1 × yellow
Housing material
Anodized aluminium
Front plate
FR4, gray
Connection mode
snap-fit on DIN rail (DIN 60715) or wall mounting
Protection class
IP20
Ambient temperature
-20…+70 °C
Relative humidity
ð
93 % at 40 °C acc. to IEC 60068-2-78
Vibration test
Acc. to IEC 60068-2-6
Shock test
Acc. to IEC 60068-2-27
EMC
Acc. to EN 61326-1
Acc. to Namur NE21
MTTF
442 years acc. to SN 29500 (Ed. 99) 40 °C
Dimensions
72 x 105.5 x 31 mm
Approvals
ATEX
cFMus
cFM
IECEx
CCC
INMETRO
KOSHA
EAC Ex
DNV GL
BV
LR
KR
KCC
CE
Dimensions



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com