전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSSG23J12 데이터시트(PDF) 2 Page - Kingstate Electronics Corp.

부품명 KSSG23J12
상세설명  Magnetic Buzzer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGSTATE [Kingstate Electronics Corp.]
홈페이지  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG23J12 데이터시트(HTML) 2 Page - Kingstate Electronics Corp.

  KSSG23J12 Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG23J12 Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG23J12 Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG23J12 Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG23J12 Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG23J12 Datasheet HTML 6Page - Kingstate Electronics Corp. KSSG23J12 Datasheet HTML 7Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 2/7 KSSG23J12
A. SCOPE 範疇
This specification applies magnetic buzzer,KSSG23J12
此規格書適用於電磁式蜂鳴器, KSSG23J12
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
Vo-p
3.0
2
Operating Volt.
操作電壓
Vo-p
2.0 ~ 4.0
Vo-p
0V
3
Mean Current
平均耗電流
mA
Max. 110
Applying rated voltage,4000Hz square wave,
1/2duty
施以額定電壓,4000Hz,方波, 50%負載
4
Coil Resistance
直流阻抗
Ω
12 ± 3
5
Sound Output
輸出音壓
dBA
Min.75
Distance at 10cm (A-weight). Applying rated
voltage 4000Hz,square wave, 1/2duty
在10 cm 處,施以額定電壓,4000Hz,方波, 50%負載
6
Rated Frequency
額定頻率
Hz
4000
7
Operating Temp.
操作溫度
℃
-30 ~ +70
8
Storage Temp.
儲存溫度
℃
-40 ~ +80
9
Dimension
尺寸
mm
L5.0 x W5.0 x H2.5
See attached drawing.
請參照外觀尺寸圖
10
Weight
重量
gram
0.3
11
Material
材質
L.C.P (Black)
12
Terminal
端子
SMD type
(鍍全錫/Plating Sn)
See attached drawing.
請參照外觀尺寸圖
13
Environmental
Protection Regulation
環保法規
RoHS
14
Storage life
保存期限
month
6
6 months preservation at room temp.(25±3℃),
Humidity40%
在室溫下 25±3℃,濕度 40%以下可保存 6 個月.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com