| 전자부품 데이터시트 검색엔진 |
|
TMX2000F 데이터시트(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TMX2000F 데이터시트(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 32 page ![]() 1 1.36 43 58.3 85 115.3 2 2.7 44 60.0 86 117.0 3 4.1 45 61.0 87 118.0 4 5.4 46 62.4 88 119.3 5 6.8 47 63.7 89 121.0 6 8.1 48 65.1 90 122.0 7 9.5 49 66.4 91 123.4 8 10.9 50 67.8 92 125.0 9 12.2 51 69.2 93 126.1 10 13.6 52 70.5 94 127.5 11 14.9 53 71.9 95 129.0 12 16.3 54 73.2 96 130.2 13 17.6 55 74.6 97 131.5 14 19.0 56 75.9 98 133.0 15 20.3 57 77.3 99 134.2 16 21.7 58 78.7 100 135.6 17 23.1 59 80.0 110 149.2 18 24.4 60 81.4 115 156.0 19 25.8 61 82.7 120 163.0 20 27.1 62 84.1 125 170.0 21 28.5 63 85.4 130 176.3 22 29.8 64 86.8 135 183.1 23 31.2 65 88.1 140 190.0 24 32.5 66 90.0 145 197.0 25 33.9 67 90.9 150 203.4 26 35.3 68 92.2 155 210.2 27 36.6 69 93.6 160 217.0 28 38.0 70 94.9 165 224.0 29 39.3 71 96.3 170 231.0 30 40.7 72 97.6 175 237.3 31 42.0 73 99.0 180 244.1 32 43.4 74 100.3 185 251.0 33 44.8 75 102.0 190 258.0 34 46.1 76 103.1 195 264.4 35 47.5 77 104.4 200 271.2 36 48.8 78 105.8 225 305.1 37 50.2 79 107.1 250 339.0 38 52.0 80 108.5 275 373.0 39 52.9 81 110.0 300 407.0 40 54.2 82 111.2 350 475.0 41 55.6 83 112.6 400 542.4 42 57.0 84 114.0 5 0.6 50 5.7 140 15.8 10 1.1 60 6.8 150 17.0 15 1.7 70 7.9 160 18.1 20 2.3 80 9.0 170 19.2 25 2.8 90 10.2 180 20.3 30 3.4 100 11.3 190 21.5 35 4.0 110 12.4 200 22.6 40 4.5 120 13.6 45 5.1 130 14.7 25 Torque Conversion Factors To Convert Into Multiply By Inch Pounds Foot Pounds 0.0833 Inch Pounds Newton meters 0.1130 Inch Pounds Kg-meters 0.0115 Inch Pounds Kg-Cm 1.1521 Foot Pounds Inch Pounds 12.000 Foot Pounds Newton meters 1.3558 Foot Pounds Kg-meters 0.1382 Foot Pounds Kg-Cm 13.8240 Newton Meters Inch Pounds 8.8507 Newton Meters Foot Pounds 0.7375 Newton Meters Kg-meters 0.1020 Newton Meters Kg-Cm 10.2000 Kg meters Inch Pounds 86.8100 Kg meters Foot Pounds 7.2340 Kg meters Newton-meters 9.8040 Kg Cm Inch Pounds 0.8681 Kg Cm Foot Pounds 0.0723 Kg Cm Newton-meters 0.0980 Torque Conversion – Ft. Lbs. (Nm) Ft. Lbs. Nm Ft. Lbs. Nm Ft. Lbs. Nm Miscellaneous Conversion Factors To Convert Into Multiply By Inches Millimeters 25.4000 Millimeters Inches 0.0394 Pounds Kilograms 0.4536 Kilograms Pounds 2.2050 psi bar 0.069 bar psi 14.5 Torque Conversion – In. Lbs. (Nm) In. Nm In. Nm In. Nm Conversion Table Torque – Miscellaneous |