전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-BT2416C2 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 GS-BT2416C2
상세설명  Bluetooth Class 2 Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C2 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button GS-BT2416C2 Datasheet HTML 2Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 3Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 4Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 5Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 6Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 7Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 8Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 9Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GS-BT2416C2
Pin settings
7/10
26
GPIO1
I/O
General purpose I/O line
27
GPIO2
I/O
General purpose I/O line
28
GPIO3
I/O
General purpose I/O line
29
GPIO4
I/O
General purpose I/O line
30
GPIO5
I/O
General purpose I/O line
31
GPIO6
I/O
General purpose I/O line
32
GPIO7
I/O
General purpose I/O line
33
GPIO8
I/O
General purpose I/O line
34
GPIO9
I/O
General purpose I/O line
35
LP CLOCK OUT
--
32 kHz - out
36
GPIO11
I/O
General purpose I/O line
37
GPIO12
I/O
General purpose I/O line
38
GPIO13
I/O
General purpose I/O line
39
GPIO14
I/O
General purpose I/O line
40
GPIO15
I/O
General purpose I/O line
41
Vdd
--
Module supply voltage- Single 3.3V
42
Vss1
--
GND
43
Vss2 ( RF GND)
--
RF GND
44
+ANTENNA
--
Antenna out
45
Vss2 (RF GND)
--
RF GND
Table 5.
Pin description (continued)
Pin N°
Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com