| 전자부품 데이터시트 검색엔진 |
|
MPC866TZP100A 데이터시트(PDF) 81 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866TZP100A 데이터시트(HTML) 81 Page - Freescale Semiconductor, Inc |
|
81 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 81 Mechanical Data and Ordering Information Table 39 contains a list of the MPC866 input and output signals and shows multiplexing and pin assignments. Table 39. Pin Assignments Name Pin Number Type A[0:31] B19, B18, A18, C16, B17, A17, B16, A16, D15, C15, B15, A15, C14, B14, A14, D12, C13, B13, D9, D11, C12, B12, B10, B11, C11, D10, C10, A13, A10, A12, A11, A9 Bidirectional Three-state TSIZ0 REG B9 Bidirectional Three-state TSIZ1 C9 Bidirectional Three-state RD/WR B2 Bidirectional Three-state BURST F1 Bidirectional Three-state BDIP GPL_B5 D2 Output TS F3 Bidirectional Active Pull-up TA C2 Bidirectional Active Pull-up TEA D1 Open-drain BI E3 Bidirectional Active Pull-up IRQ2 RSV H3 Bidirectional Three-state IRQ4 KR RETRY SPKROUT K1 Bidirectional Three-state CR IRQ3 F2 Input D[0:31] W14, W12, W11, W10, W13, W9, W7, W6, U13, T11, V11, U11, T13, V13, V10, T10, U10, T12, V9, U9, V8, U8, T9, U12, V7, T8, U7, V12, V6, W5, U6, T7 Bidirectional Three-state DP0 IRQ3 V3 Bidirectional Three-state DP1 IRQ4 V5 Bidirectional Three-state DP2 IRQ5 W4 Bidirectional Three-state DP3 IRQ6 V4 Bidirectional Three-state |