| 전자부품 데이터시트 검색엔진 |
|
MPC866PZP133A 데이터시트(PDF) 91 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866PZP133A 데이터시트(HTML) 91 Page - Freescale Semiconductor, Inc |
|
91 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 91 Mechanical Data and Ordering Information MII_COL H4 Input VSSSYN1 V1 PLL analog VDD and GND VSSSYN U1 Power VDDSYN T1 Power GND F6, F7, F8, F9, F10, F11, F12, F13, F14, G6, G7, G8, G9, G10, G11, G12, G13, G14, H6, H7, H8, H9, H10, H11, H12, H13, H14, J6, J7, J8, J9, J10, J11, J12, J13, J14, K6, K7, K8, K9, K10, K11, K12, K13, K14, L6, L7, L8, L9, L10, L11, L12, L13, L14, M6, M7, M8, M9, M10, M11, M12, M13, M14, N6, N7, N8, N9, N10, N11, N12, N13, N14, P6, P7, P8, P9, P10, P11, P12, P13, P14 Power VDDL A8, M1, W8, H19, F4, F16, P4, P16, R1 Power VDDH E5, E6, E7, E8, E9, E10, E11, E12, E13, E14, E15, F5, F15, G5, G15, H5, H15, J5, J15, K5, K15, L5, L15, M5, M15, N5, N15, P5, P15, R5, R6, R7, R8, R9, R10, R11, R12, R13, R14, R15, T14 Power N/C D6, D13, D14, U2, V2, T2 No-connect 1 Classic SAR mode only 2 ESAR mode only Table 39. Pin Assignments (continued) Name Pin Number Type |