전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PXT4403 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 PXT4403
상세설명  PNP switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXT4403 데이터시트(HTML) 4 Page - NXP Semiconductors

  PXT4403 Datasheet HTML 1Page - NXP Semiconductors PXT4403 Datasheet HTML 2Page - NXP Semiconductors PXT4403 Datasheet HTML 3Page - NXP Semiconductors PXT4403 Datasheet HTML 4Page - NXP Semiconductors PXT4403 Datasheet HTML 5Page - NXP Semiconductors PXT4403 Datasheet HTML 6Page - NXP Semiconductors PXT4403 Datasheet HTML 7Page - NXP Semiconductors PXT4403 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 14
4
Philips Semiconductors
Product specification
PNP switching transistor
PXT4403
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
300
100
200
MGD812
−10−1
−1
−10
−102
−103
hFE
IC mA
VCE = −1 V
Fig.3 Test circuit for switching times.
ndbook, full pagewidth
RC
R2
R1
DUT
MGD624
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
Vi
VCC
Vi = −9.5 V; T = 500 µs; tp =10 µs; tr =tf ≤ 3 ns.
R1 = 68
Ω; R2 = 325 Ω; RB = 325 Ω; RC = 160 Ω.
VBB = 3.5 V; VCC = −29.5 V.
Oscilloscope input impedance Zi =50 Ω.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com