| 전자부품 데이터시트 검색엔진 |
|
MPC8540CPX667LB 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CPX667LB 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 3 Overview • 256 Kbyte L2 cache/SRAM — Can be configured as follows – Full cache mode (256-Kbyte cache). – Full memory-mapped SRAM mode (256-Kbyte SRAM mapped as a single 256-Kbyte block or two 128-Kbyte blocks) – Half SRAM and half cache mode (128-Kbyte cache and 128-Kbyte memory-mapped SRAM) — Full ECC support on 64-bit boundary in both cache and SRAM modes — Cache mode supports instruction caching, data caching, or both — External masters can force data to be allocated into the cache through programmed memory ranges or special transaction types (stashing) — Eight-way set-associative cache organization (1024 sets of 32-byte cache lines) — Supports locking the entire cache or selected lines. Individual line locks are set and cleared through Book E instructions or by externally mastered transactions — Global locking and flash clearing done through writes to L2 configuration registers — Instruction and data locks can be flash cleared separately — Read and write buffering for internal bus accesses — SRAM features include the following: – I/O devices access SRAM regions by marking transactions as snoopable (global) – Regions can reside at any aligned location in the memory map – Byte accessible ECC is protected using read-modify-write transactions accesses for smaller than cache-line accesses. • Address translation and mapping unit (ATMU) — Eight local access windows define mapping within local 32-bit address space — Inbound and outbound ATMUs map to larger external address spaces – Three inbound windows plus a configuration window on PCI/PCI-X – Four inbound windows plus a default and configuration window on RapidIO – Four outbound windows plus default translation for PCI – Eight outbound windows plus default translation for RapidIO • DDR memory controller — Programmable timing supporting DDR-1 SDRAM — 64-bit data interface, up to 333-MHz data rate — Four banks of memory supported, each up to 1 Gbyte — DRAM chip configurations from 64 Mbits to 1 Gbit with x8/x16 data ports — Full ECC support — Page mode support (up to 16 simultaneous open pages) — Contiguous or discontiguous memory mapping |