| 전자부품 데이터시트 검색엔진 |
|
MPC8540CPX667JB 데이터시트(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CPX667JB 데이터시트(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 72 Freescale Semiconductor Package and Pin Listings TSEC2_RX_CLK E10 I LVDD 10/100 Ethernet (MII) Interface FEC_TXD[3:0] M1, N1, N4, N5 O OVDD FEC_TX_EN P11 O OVDD FEC_TX_ER P10 O OVDD FEC_TX_CLK V6 I OVDD FEC_CRS N10 I OVDD FEC_COL N11 I OVDD FEC_RXD[3:0] N9, N8, N7, N6 I OVDD FEC_RX_DV P8 I OVDD FEC_RX_ER P9 I OVDD FEC_RX_CLK V9 I OVDD RapidIO Interface RIO_RCLK Y25 I OVDD RIO_RCLK Y24 I OVDD RIO_RD[0:7] T25, U25, V25, W25, AA25, AB25, AC25, AD25 I OVDD RIO_RD[0:7] T24, U24, V24, W24, AA24, AB24, AC24, AD24 I OVDD RIO_RFRAME AE27 I OVDD RIO_RFRAME AE26 I OVDD RIO_TCLK AC20 O OVDD 11 RIO_TCLK AE21 O OVDD 11 RIO_TD[0:7] AE18, AC18, AD19, AE20, AD21, AE22, AC22, AD23 OOVDD RIO_TD[0:7] AD18, AE19, AC19, AD20, AC21, AD22, AE23, AC23 OOVDD RIO_TFRAME AE24 O OVDD RIO_TFRAME AE25 O OVDD RIO_TX_CLK_IN AF24 I OVDD RIO_TX_CLK_IN AF25 I OVDD I2C interface IIC_SDA AH22 I/O OVDD 4, 20 IIC_SCL AH23 I/O OVDD 4, 20 Table 53. MPC8540 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |