| 전자부품 데이터시트 검색엔진 |
|
MPC8540PX667JC 데이터시트(PDF) 59 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540PX667JC 데이터시트(HTML) 59 Page - Freescale Semiconductor, Inc |
|
59 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 59 RapidIO Duty cycle DC 48 52 % 2, 6 VOD rise time, 20%–80% of peak-to-peak differential signal swing tFALL 200 — ps 3, 6 VOD fall time, 20%–80% of peak-to-peak differential signal swing tRISE 200 — ps 6 Data valid DV 1260 — ps Skew of any two data outputs tDPAIR — 180 ps 4, 6 Skew of single data outputs to associated clock tSKEW,PAIR –180 180 ps 5, 6 Notes: 1.See Figure 37. 2.Requires ±100 ppm long term frequency stability. 3.Measured at VOD = 0 V. 4.Measured using the RapidIO transmit mask shown in Figure 37. 5.See Figure 42. 6.Guaranteed by design. Table 48. RapidIO Driver AC Timing Specifications—750 Mbps Data Rate Characteristic Symbol Range Unit Notes Min Max Differential output high voltage VOHD 200 540 mV 1 Differential output low voltage VOLD –540 –200 mV 1 Duty cycle DC 48 52 % 2, 6 VOD rise time, 20%–80% of peak-to-peak differential signal swing tFALL 133 — ps 3, 6 VOD fall time, 20%–80% of peak-to-peak differential signal swing tRISE 133 — ps 6 Data valid DV 800 — ps 6 Skew of any two data outputs tDPAIR — 133 ps 4, 6 Skew of single data outputs to associated clock tSKEW,PAIR –133 133 ps 5, 6 Notes: 1.See Figure 37. 2.Requires ±100 ppm long term frequency stability. 3.Measured at VOD = 0 V. 4.Measured using the RapidIO transmit mask shown in Figure 37. 5.See Figure 42. 6.Guaranteed by design. Table 47. RapidIO Driver AC Timing Specifications—500 Mbps Data Rate (continued) Characteristic Symbol Range Unit Notes Min Max |