| 전자부품 데이터시트 검색엔진 |
|
MPC17550EVEL 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC17550EVEL 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 15 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 5 17550 ELECTRICAL CONNECTIONS MAXIMUM RATINGS ELECTRICAL CONNECTIONS MAXIMUM RATINGS Table 2. Maximum Ratings All voltages are with respect to ground unless otherwise noted. Exceeding the ratings may cause a malfunction or permanent damage to the device. Rating Symbol Value Unit Motor Supply Voltage VM -0.5 to 9.0 V Gate-Driver Circuit Power Supply Voltage VG VDD -0.5 to 14 V Logic Supply Voltage VDD -0.5 to 6.0 V Signal Input Voltage (1) VIN -0.5 to VDD +0.5 V Driver Output Current Continuous (2) Peak (3) IO IOPK 0.7 2.0 A ESD Voltage (4) Human Body Model Machine Model VESD1 VESD2 ±2000 ±100 V Storage Temperature Range TSTG -65 to 150 °C Operating Ambient Temperature TA -10 to 60 °C Operating Junction Temperature TJ -10 to 150 °C Thermal Resistance (5) RθJA TBD °C/W Power Dissipation (6) PD 1500 mW Soldering Temperature (7) TSOLDER 260 °C Notes 1. VIN is the voltage level applied to any input terminal. 2. IO is measured as the load current flowing through the H-bridge. 3. TA = 25°C, pulse width < 10 ms at intervals > 0.2 seconds. 4. ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω). 5. Mounted on 37 x 50 Cu area (1.6 mm FR-4 PCB). 6. Maximum at TA = 25°C. 7. Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause malfunction or permanent damage to the device. |