| 전자부품 데이터시트 검색엔진 |
|
MPC8280CVRM 데이터시트(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280CVRM 데이터시트(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 47 Pinout D37 C8 D38 E7 D39 A3 D40 D18 D41 A17 D42 A14 D43 B12 D44 A10 D45 D8 D46 B6 D47 C4 D48 C18 D49 E16 D50 B14 D51 C12 D52 B10 D53 A7 D54 C6 D55 D5 D56 B18 D57 B16 D58 E14 D59 D12 D60 C10 D61 E8 D62 D6 D63 C2 DP0/RSRV/EXT_BR2 B22 IRQ1/DP1/EXT_BG2 A22 IRQ2/DP2/TLBISYNC/EXT_DBG2 E21 IRQ3/DP3/CKSTP_OUT/EXT_BR3 D21 IRQ4/DP4/CORE_SRESET/EXT_BG3 C21 IRQ5/CINT/DP5/TBEN/EXT_DBG3 B21 Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |