| 전자부품 데이터시트 검색엔진 |
|
MPC8270VRT 데이터시트(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270VRT 데이터시트(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 51 Pinout LCL_D28/AD28 Y28 LCL_D29/AD29 Y25 LCL_D30/AD30 AA29 LCL_D31/AD31 AA28 LCL_DP0/C0/BE0 L28 LCL_DP1/C1/BE1 N28 LCL_DP2/C2/BE2 T28 LCL_DP3/C3/BE3 W28 IRQ0/NMI_OUT T1 IRQ7/INT_OUT/APE D1 TRST 1 AH3 TCK AG5 TMS AJ3 TDI AE6 TDO AF5 TRIS AB4 PORESET1 AG6 HRESET AH5 SRESET AF6 QREQ AA3 RSTCONF AJ4 MODCK1/AP1/TC0/BNKSEL0 W2 MODCK2/AP2/TC1/BNKSEL1 W3 MODCK3/AP3/TC2/BNKSEL2 W4 CLKIN1 AH4 PA0/RESTART1/DREQ3 FCC2_UTM_TXADDR2 AC29 2 PA1/REJECT1/DONE3 FCC2_UTM_TXADDR1 AC252 PA2/CLK20/DACK3 FCC2_UTM_TXADDR0 AE282 PA3/CLK19/DACK4/L1RXD1A2 FCC2_UTM_RXADDR0 AG292 PA4/REJECT2/DONE4 FCC2_UTM_RXADDR1 AG282 PA5/RESTART2/DREQ4 FCC2_UTM_RXADDR2/FCC1_UT_RX PRTY AG262 PA6/FCC2_RXADDR3 L1RSYNCA1 AE242 PA7/SMSYN2/FCC2_TXADDR3 L1TSYNCA1/L1GNTA1 AH252 Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |