전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR120ATF 데이터시트(PDF) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

부품명 IRLR120ATF
상세설명  N-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
홈페이지  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

IRLR120ATF 데이터시트(HTML) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

  IRLR120ATF Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED IRLR120ATF Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED IRLR120ATF Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED IRLR120ATF Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Typical Electrical & Thermal Characteristics
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
VDS (V)
0
4
8
12
16
20
0
25
50
75
100
125
150
TCASE (C)
Figure 7: Current De-rating
0
10
20
30
40
50
0
25
50
75
100
125
150
TCASE (C)
Figure 8: Power De-rating
0
200
400
600
800
1000
0.00001 0.0001
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Duty = 0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
DC
10ms
10
s
1.0
s
100
s
1.0ms
Pulse Width (s)
Figure 10: Single Pulse Power Rating, Junction-to-Case
Duty Cycle = Ton/TPeak
TJ = TC + PD x ZJC x RJC
RJC = 2.8°C/W
Limited by
RDS(ON)
TJ_Max = 150°C
TC = 25°C
www.bychip.cn
IRLR120ATF
v4.0



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com