전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B3714 데이터시트(PDF) 6 Page - EPCOS

부품명 B3714
상세설명  SAW Components SAW filter 314.35 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B3714 데이터시트(HTML) 6 Page - EPCOS

  B3714 Datasheet HTML 1Page - EPCOS B3714 Datasheet HTML 2Page - EPCOS B3714 Datasheet HTML 3Page - EPCOS B3714 Datasheet HTML 4Page - EPCOS B3714 Datasheet HTML 5Page - EPCOS B3714 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
March 31, 2006
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately incum-
bent on the customer to check and decide whether an EPCOS product with the properties
described in the product specification is suitable for use in a particular customer application.
2.
We also point out that in individual cases, a malfunction of passive electronic compo-
nents or failure before the end of their usual service life cannot be completely ruled
out in the current state of the art, even if they are operated as specified. In customer
applications requiring a very high level of operational safety and especially in customer appli-
cations in which the malfunction or failure of a passive electronic component could endanger
human life or health (e.g. in accident prevention or life-saving systems), it must therefore be
ensured by means of suitable design of the customer application or other action taken by the
customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is
sustained by third parties in the event of malfunction or failure of a passive electronic compo-
nent.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be avail-
able.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current ver-
sion of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SIFI, SIKOREL, Silver-
Cap, SIMID, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered
or pending in Europe and in other countries. Further information will be found on the Internet
at www.epcos.com/trademarks.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com