전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B3717 데이터시트(PDF) 3 Page - EPCOS

부품명 B3717
상세설명  SAW Components SAW filter 866.50 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B3717 데이터시트(HTML) 3 Page - EPCOS

  B3717 Datasheet HTML 1Page - EPCOS B3717 Datasheet HTML 2Page - EPCOS B3717 Datasheet HTML 3Page - EPCOS B3717 Datasheet HTML 4Page - EPCOS B3717 Datasheet HTML 5Page - EPCOS B3717 Datasheet HTML 6Page - EPCOS B3717 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 27, 2006
B3717
866.50 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
866.50
MHz
Maximum insertion attenuation
α
max
865.00 ...
868.00 MHz
2.1
2.9
dB
863.00 ...
870.00 MHz
2.2
3.8
dB
Amplitude ripple (p-p)
∆α
865.00 ...
868.00 MHz
0.1
1.1
dB
863.00 ...
870.00 MHz
0.2
2.0
dB
Attenuation
α
10.00 ...
830.00 MHz
40
44
dB
830.00 ...
845.00 MHz
32
40
dB
880.00 ...
884.00 MHz
20
38
dB
884.00 ...
887.00 MHz
36
54
dB
887.00 ...
965.00 MHz
48
52
dB
965.00 ... 1500.00 MHz
42
45
dB



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com