전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT86VL3X 데이터시트(PDF) 21 Page - Exar Corporation

부품명 XRT86VL3X
상세설명  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL3X 데이터시트(HTML) 21 Page - Exar Corporation

Back Button XRT86VL3X_07 Datasheet HTML 17Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 18Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 19Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 20Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 21Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 22Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 23Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 24Page - Exar Corporation XRT86VL3X_07 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
XRT86VL3X
14
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
1.11
Framer Bypass Mode
The framer bypass mode allows the XRT86VL3x to be used as a stand alone Line Interface Unit. In this mode,
a few of the backplane interface signals multiplex into the digital Input/output signals to and from the LIU block.
Figure 22 shows a simplified block diagram of the framer bypass mode.
FIGURE 17. SIMPLIFIED BLOCK DIAGRAM OF THE FRAMER BYPASS MODE
2-Frame
Slip Buffer
Elastic Store
Tx Serial
Data In
Tx LIU
Interface
2-Frame
Slip Buffer
Elastic Store
Rx LIU
Interface
Rx Framer
Rx Serial
Data Out
Tx Framer
TCLK=TxSERCLK
TPOS=TxSER
TNEG=TxSYNC
RCLK=RxSERCLK
RPOS=RxSER
RNEG=RxSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More