전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT94L33IB 데이터시트(PDF) 27 Page - Exar Corporation

부품명 XRT94L33IB
상세설명  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
PDF  862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB 데이터시트(HTML) 27 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 23Page - Exar Corporation XRT94L33IB Datasheet HTML 24Page - Exar Corporation XRT94L33IB Datasheet HTML 25Page - Exar Corporation XRT94L33IB Datasheet HTML 26Page - Exar Corporation XRT94L33IB Datasheet HTML 27Page - Exar Corporation XRT94L33IB Datasheet HTML 28Page - Exar Corporation XRT94L33IB Datasheet HTML 29Page - Exar Corporation XRT94L33IB Datasheet HTML 30Page - Exar Corporation XRT94L33IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 862 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– A
A
A T
T
T M
M
M R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
27
0xNB0C –
0xNB0E
Unused
0x00
0xNB0F
Receive Mapper Interrupt Enable Register – Byte 0
0x00
0xNB10 – 0xNB12
Unused
0x00
0xNB13
T3/E3 Routing Register Byte
0x00
0xNB14 – 0xNBFF
Reserved
0x00
TRANSMIT SONET POH PROCESSOR BLOCK REGISTERS
Note:
N represents the “Channel Number” and ranges in value from 0x02 to 0x04)
0xN800 – 0xN981
Reserved
0x00
0xN982
Transmit SONET Path – SONET Control Register – Byte 1
0x00
0xN983
Transmit SONET Path – SONET Control Register – Byte 0
0x00
0xN984 –
0xN8992
Reserved
0x00
0xN993
Transmit SONET Path – Transmitter J1 Byte Value Register
0x00
0xN994 – 0xN995
Reserved
0x00
0xN996
Transmit SONET Path – B3 Byte Control Register
0x00
0xN997
Transmit SONET Path – B3 Byte Mask Register
0x00
0xN998 – 0xN99A
Reserved
0x00
0xN99B
Transmit SONET Path – Transmit C2 Byte Value Register
0x00
0xN99C – 0xN99E
Reserved
0x00
0xN99F
Transmit SONET Path – Transmit G1 Byte Value Register
0x00
0xN9A0 – 0xN9A2
Reserved
0x00
0xN9A3
Transmit SONET Path – Transmit F2 Byte Value Register
0x00
0xN9A4 – 0xN9A6
Reserved
0x00
0xN9A7
Transmit SONET Path – Transmit H4 Byte Value Register
0x00
0xN9A8 – 0xN9AA
Reserved
0x00
0xN9AB
Transmit SONET Path – Transmit Z3 Byte Value Register
0x00
0xN9AC –
0xN9AE
Reserved
0x00
0xN9AF
Transmit SONET Path – Transmit Z4 Byte Value Register
0x00
0xN9B0 – 0xN9B2
Reserved
0x00
0xN9B3
Transmit SONET Path – Transmit Z5 Byte Value Register
0x00
0xN9B4 – 0xN9B6
Reserved
0x00
0xN9B7
Transmit SONET Path – Transmit Path Control Register – Byte 0
0x00
0xN9B8 – 0xN9BA
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More