| 전자부품 데이터시트 검색엔진 |
|
XRT8000IP 데이터시트(PDF) 8 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT8000IP 데이터시트(HTML) 8 Page - Exar Corporation |
|
8 / 24 page ![]() XRT8000 8 Rev. 1.11 The Command Registers Between the MSB input pin and the Command Registers, the user can configure the XRT8000 device into any of the operating modes that have been described in this data sheet. The user can access these Command Registers via the Microprocessor Serial Interface. Table 1 presents the Address Location and Format for each of the Command Registers, within the XRT8000 device. AD2~0 Register D4 D3 D2 D1 D0 000 CR1 IOC4 IOC3 IOC2 IOC1 PL1EN 001 CR2 M4 M3 M2 M1 PL2EN 010 CR3 SEL14 SEL13 SEL12 SEL11 SEL10 011 CR4 SEL24 SEL23 SEL22 SEL21 SEL10 100 CR5 SYNCEN CLK1EN CLK2EN PL2/8 PL1/8 101 CR6 Reserved Reserved Reserved Reserved Reserved 110 CR7 Reserved Reserved Reserved Reserved Reserved 111 CR8 Reserved Reserved Reserved Reserved Reserved Table 1. Control Registers The next few pages describe the role/functionality of each bit-field within the Command Registers. |