전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP526 데이터시트(PDF) 6 Page - Sipex Corporation

부품명 SP526
상세설명  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 데이터시트(HTML) 6 Page - Sipex Corporation

Back Button SP526 Datasheet HTML 2Page - Sipex Corporation SP526 Datasheet HTML 3Page - Sipex Corporation SP526 Datasheet HTML 4Page - Sipex Corporation SP526 Datasheet HTML 5Page - Sipex Corporation SP526 Datasheet HTML 6Page - Sipex Corporation SP526 Datasheet HTML 7Page - Sipex Corporation SP526 Datasheet HTML 8Page - Sipex Corporation SP526 Datasheet HTML 9Page - Sipex Corporation SP526 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
-
PINOUT
PIN DESCRIPTION
Pin 1 — ENR4 — Enables receiver 4; active
high; TTL input.
Pin 2 — ENR3 — Enables receiver 3; active
high; TTL input.
Pin 3 — ENR2 — Enables receiver 2; active
high; TTL input.
Pin 4 — ENR1 — Enables receiver 1; active
high; TTL input.
Pin 5 — T4IN — TTL input; transmit data
source for DRA4 and DRB4 outputs.
Pin 6 — T3IN — TTL input; transmit data
source for DRA3 and DRB3 outputs.
Pin 7 — T2IN — TTL input; transmit data
source for DRA2 and DRB2 outputs.
Pin 8 — T1IN — TTL input; transmit data
source for DRA1 and DRB1 outputs.
Pins 9 — ENT4 — Enables driver 4, active low;
TTL input.
Pins 10 — ENT3 — Enables driver 3, active
low; TTL input.
Pins 11 — ENT2 — Enables driver 2, active
low; TTL input.
Pins 12 — ENT1 — Enables driver 1, active
low; TTL input.
Pins 13 — D1 — Transmitter and receiver
decode register; configures transmitter and
receiver modes; TTL inputs.
SP526
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
ENR4
ENR3
ENR2
ENR1
T4IN
T3IN
T2IN
T1IN
ENT4
ENT3
ENT2
R3OUT
R4OUT
VCC
T4OUT
T3OUTA
T3OUTB
T2OUTA
T2OUTB
T1OUTA
T1OUTB
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24