전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP691ACN/TR 데이터시트(PDF) 22 Page - Sipex Corporation

부품명 SP691ACN/TR
상세설명  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP691ACN/TR 데이터시트(HTML) 22 Page - Sipex Corporation

Back Button SP691ACN/TR Datasheet HTML 16Page - Sipex Corporation SP691ACN/TR Datasheet HTML 17Page - Sipex Corporation SP691ACN/TR Datasheet HTML 18Page - Sipex Corporation SP691ACN/TR Datasheet HTML 19Page - Sipex Corporation SP691ACN/TR Datasheet HTML 20Page - Sipex Corporation SP691ACN/TR Datasheet HTML 21Page - Sipex Corporation SP691ACN/TR Datasheet HTML 22Page - Sipex Corporation SP691ACN/TR Datasheet HTML 23Page - Sipex Corporation SP691ACN/TR Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
22
PACKAGE: 16 PIN PDIP
eA
eB
E
D1
D
L
A1
b
b2
e
b3
N
1
2
3
INDEX
AREA
N/2
E
E1
C
b
SYMBOL
MIN
NOM
MAX
A
-
-
0.21
A1
0.15
-
-
A2
0.115
0.13
0.195
b
0.014
0.018
0.022
b2
0.045
0.06
0.07
b3
0.3
0.039
0.045
c
0.008
0.01
0.014
D
0.735
0.75
0.755
D1
0.005
-
-
E
0.3
0.31
0.325
E1
0.24
0.25
0.28
e
eA
eB
-
-
0.43
L
0.115
0.13
0.15
Note: Dimensions in (mm)
.100 BSC
.300 BSC
16 PIN PDIP JEDEC MS-001 (BB) Variation
A
A2
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24