전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP6120 데이터시트(PDF) 6 Page - Sipex Corporation

부품명 SP6120
상세설명  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 데이터시트(HTML) 6 Page - Sipex Corporation

Back Button SP6120 Datasheet HTML 2Page - Sipex Corporation SP6120 Datasheet HTML 3Page - Sipex Corporation SP6120 Datasheet HTML 4Page - Sipex Corporation SP6120 Datasheet HTML 5Page - Sipex Corporation SP6120 Datasheet HTML 6Page - Sipex Corporation SP6120 Datasheet HTML 7Page - Sipex Corporation SP6120 Datasheet HTML 8Page - Sipex Corporation SP6120 Datasheet HTML 9Page - Sipex Corporation SP6120 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
50
60
70
80
90
100
02
46
Output Current (A)
810
Figure 2. Efficiency vs. Output Current
Figure 3. Load Regulation
Figure 4. Load Step Response: 0.4A to 2A
Figure 5. Load Step Response: 0.4A to 7A
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to circuit in Figure 1 with V
IN = 3.3V; VOUT = 1.9V, ROSC = 18.7kΩ, and TAMB = +25°C unless otherwise noted.
Figure 6. Start-Up Response: 5A Load
1.875
1.880
1.885
1.890
1.895
1.900
1.905
1.910
1.915
1.920
1.925
01
23
45
Load Current (A)
VOUT
Gate High
IOUT(1A/div)
VOUT
Gate High
IOUT(5A/div)
VOUT
VIN
Soft Start
IIN (1A/div)
Figure 7. Overcurrent: 9A Load
VOUT
VIN
Soft Start
IOUT (5A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com