| 전자부품 데이터시트 검색엔진 |
|
SP8067DG 데이터시트(PDF) 2 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP8067DG 데이터시트(HTML) 2 Page - Sipex Corporation |
|
2 / 3 page ![]() ADVANCED SP8067 Rev 0.0 (11-22-04) SP8067 – High Speed 11-Channel PDIC SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700. SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR COPY page 2 of 3 PIN ASSIGNMENTS Pin # Pin Name Pin Function 1 Vs Reference voltage. Bypass to GND with ceramic capacitor 0.1uF 2 GND Ground pin 3 GK Output of GK channel (sum of G + K sensor signals) 4 HL Output of HL channel (sum of H + L sensor signals) 5 EI Output of EI channel (sum of E + I sensor signals) 6 FJ Output of FJ channel (sum of F + J sensor signals) 7 SW1 Logic input of Gain Controller. Allows three states – low, high, and middle 8 SW2 Logic input of Gain Controller. Allows three states – low, high, and middle 9 RF- Output of RF- channel. RF- = - 0.5 x (A + B +C + D) 10 RF+ Output of RF+ channel. RF+ = 0.5 x (A + B + C + D) 11 A Output of A channel 12 B Output of B channel 13 C Output of C channel 14 D Output of D channel 15 WRF Output of WRF channel. WRF = 4 x (A + B + C + D) 16 VCC Supply voltage. Bypass to GND with ceramic capacitor 0.1uF |