전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALQ2-DMDFB 데이터시트(PDF) 1 Page - Infinite Electronics International, Inc.

부품명 ALQ2-DMDFB
상세설명  7/16 DIN Male to Female Bulkhead Quarter Wave Lightning Surge Protector Model: ALQ2-DMDFB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALQ2-DMDFB 데이터시트(HTML) 1 Page - Infinite Electronics International, Inc.

  ALQ2-DMDFB Datasheet HTML 1Page - Infinite Electronics International, Inc. ALQ2-DMDFB Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
7/16 DIN Male to Female Bulkhead Quarter Wave Lightning Surge Protector
Model: ALQ2-DMDFB
Applications
•
Protect wireless devices and networks from damage due to
lightning strikes
•
Broadband wireless systems
•
Protection Distributed Antenna Systems (DAS)
•
Cellular band applications
Features
•
Broadband protection – 800-2250 MHz
•
Bi-directional, can be used in the transmit & receive paths
•
No gas tube to replace
•
Multi-strike capability
•
High quality construction
Description
The ALQ2-DMDFB is a Broadband 1/4 Wave DC-Short suppressor designed for 800-2250 MHz applications. This
unit is designed to pass the desired frequency while suppressing lightning surges. The ALQ2-DMDFB functions like
a signal filter, operating within 800-2250 MHz. Lightning strikes and electrical surges which operate at low
frequencies (outside the ALQ2-DMDFB operating range) are diverted through the protector’s short-circuit to the
ground.
The unit’s non-gas tube design, multi-strike capability and fast response time make it suitable for a wide range of
applications. A ground lug is provided directly on the lightning protector’s housing, which allow for superior
grounding. Both connector ports of this suppressor are equally protected. This provides equal protection no matter
which way it is installed.
The ALQ2-DMDFB features a 7/16 DIN Female Bulkhead connector with a rubber o-ring seal for mounting through
an enclosure wall or panel.


유사한 부품 번호 - ALQ2-DMDFB

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
ALQ2-DFDFB L-COM-ALQ2-DFDFB Datasheet
118Kb / 2P
7/16 DIN Female to Female Bulkhead Quarter Wave Lightning Surge Protector Model: ALQ2-DFDFB
More results

유사한 설명 - ALQ2-DMDFB

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE3C2004 PASTERNACK-PE3C2004 Datasheet
367Kb / 4P
7 - 16 DIN Male to 7 - 16 DIN Female LSZH Jacketed
More results


Html Pages

1 2