전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALQP-DMDFB 데이터시트(PDF) 1 Page - Infinite Electronics International, Inc.

부품명 ALQP-DMDFB
상세설명  7/16 DIN MALE TO 7/16 DIM FEMALE BULKHEAD PIM RATED LIGHTNING PROTECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALQP-DMDFB 데이터시트(HTML) 1 Page - Infinite Electronics International, Inc.

  ALQP-DMDFB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M29X1.5
M29X1.5
93.3
3.67
.93 23.7
7/16 DIN MALE TO 7/16 DIM FEMALE BULKHEAD
MAY OCCUR
09/30/15
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ALQP-DMDFB
ALQP-DMDFB.SLDDRW
11
K.BURGNER
09/30/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
09/30/15
10/28/15
INITIAL RELEASE
D.GRIFFIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
MAY OCCUR
09/30/15
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ALQP-DMDFB
A
ALQP-DMDFB.SLDDRW
11
K.BURGNER
09/30/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
09/30/15
10/28/15
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
PIM RATED LIGHTNING PROTECTOR
LIGHTNING PROTECTOR
PROJECTION
FSCM NO.
43321
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
DESCRIPTION
MATERIAL
FINISH
SHELL-BODY
NON-MAGNETIC
CuSnZn3
CONDUCTOR
PHOSPHOR BRONZE
GOLD/CuSnZn3
NUT
BRASS
NICKEL
INSULATOR
TEFLON
---
0-RING
SILICONE RUBBER
---
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 800 ~ 2,250 MHz
VSWR: < 1.2
PASSIVE INTERMODULATION(PIM): < -150dBc
DIELECTRIC WITHSTANDING VOLTAGE: 4000V(RMS)
INSULATION RESISTANCE: > 10,000 OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 0.4m OHM
OUTER CONTACT: < 1.5m OHM
INSERTION LOSS: < 0.2dB
MECHANICAL:
DURABILITY: > 500
TEMPERATURE RANGE: -40°C TO +85°C
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
21
.8
.8 21


유사한 부품 번호 - ALQP-DMDFB

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
ALQP-DMDF-ER L-COM-ALQP-DMDF-ER Datasheet
492Kb / 3P
7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM
REV 1.0
More results

유사한 설명 - ALQP-DMDFB

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91038 PASTERNACK-PE91038 Datasheet
366Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter Low PIM, Low VSWR
PE3C2015-100CM PASTERNACK-PE3C2015-100CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE3C2015-200CM PASTERNACK-PE3C2015-200CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE3C2004 PASTERNACK-PE3C2004 Datasheet
367Kb / 4P
7 - 16 DIN Male to 7 - 16 DIN Female LSZH Jacketed
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com