전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST-10-R-B90-G630 데이터시트(PDF) 1 Page - Luminus, Inc

부품명 SST-10-R-B90-G630
상세설명  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMINUS [Luminus, Inc]
홈페이지  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B90-G630 데이터시트(HTML) 1 Page - Luminus, Inc

  SST-10-R-B90-G630 Datasheet HTML 1Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 2Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 3Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B90-G630 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Applications
• Horticulture / Growlights
• Accent and effect lighting
• Architectural lighting
• Stage lighting
Features:
• High Power Red LED with Peak Wavelength of 630 nm
• Wall-Plug Efficiency: typ. 49% @350 mA
• 80° or 120° viewing angle at 50% Iv
• Low Thermal Resistance
• Built-in ESD Protection
• RoHS and REACH compliant
1
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
SST-10-R
Red LED
SST-10-Red
Product Datasheet
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
Table of Contents
Ordering Information . . . . . . . . . 2
Binning Structure . . . . . . . . . . . . . 3
Absolute Maximum Ratings . . . 4
Device Characteristics. . . . . . . . . 5
Angular Distribution and
Spectrum. . . . . . . . . . . . . . . . . . . . . 7
Soldering Profile . . . . . . . . . . . . . . 8
Mechanical Dimensions . . . . . . . 9
Packaging Information . . . . . . . 13
Precautions for Use . . . . . . . . . . 15
Revision History . . . . . . . . . . . . . 16


유사한 부품 번호 - SST-10-R-B90-G630

제조업체부품명데이터시트상세설명
logo
Luminus, Inc
SST-10-R-B90 LUMINUS-SST-10-R-B90 Datasheet
2Mb / 12P
Red LED High Power Red LED with Peak Wavelength of 630nm
More results

유사한 설명 - SST-10-R-B90-G630

제조업체부품명데이터시트상세설명
logo
NICHIA CORPORATION
NSPR800AS NICHIA-NSPR800AS Datasheet
272Kb / 15P
RED LED
logo
Marl International Limi...
NSPR510CS MARL-NSPR510CS Datasheet
200Kb / 15P
RED LED
logo
Roithner LaserTechnik G...
SMC680 ROITHNER-SMC680 Datasheet
575Kb / 3P
red led
logo
NICHIA CORPORATION
NCSR119BT-V1 NICHIA-NCSR119BT-V1 Datasheet
271Kb / 18P
RED LED
NCSRE17AT NICHIA-NCSRE17AT Datasheet
305Kb / 19P
RED LED
NE2R757GT-P6 NICHIA-NE2R757GT-P6 Datasheet
297Kb / 19P
RED LED
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
RED LED
NSPR346MS NICHIA-NSPR346MS Datasheet
428Kb / 17P
RED LED
logo
KODENSHI_AUK CORP.
KP3528R63A1I-UM KODENSHI-KP3528R63A1I-UM Datasheet
124Kb / 5P
Red LED
KP3528R64A1I-PF KODENSHI-KP3528R64A1I-PF Datasheet
123Kb / 5P
Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com