| 전자부품 데이터시트 검색엔진 |
|
SAA7282ZP 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7282ZP 데이터시트(HTML) 8 Page - NXP Semiconductors |
|
8 / 25 page ![]() July 1993 8 Philips Semiconductors Product specification Terrestrial Digital Sound Decoder (TDSD2) SAA7282 AMOGMDIS This bit enables and disables the automute function (which is activated according to the error limit registers). Power-on resets to enabled (i.e. AMDIS = logic 0). AMDIS should be disabled for the user definable mute (MUTE) to be used. MUTEDEF This defines the operation of the user definable MUTE pin when it is pulled LOW externally. If MUTEDEF is HIGH and RSSF = logic 1, the output of the device is switched to FM input. If MUTEDEF is HIGH and RSSF = logic 0, or if MUTEDEF is LOW, the output is muted. Power on resets to LOW. ERROR LIMIT REGISTERS UPPER ERROR LIMIT REGISTER This defines the number of errors in 128 ms period which will cause automute to switch IN. User definable, but power on resets to 50 Hex. LOWER ERROR LIMIT REGISTER This defines the number of errors in 128 ms period which will cause automute to switch OUT. User definable, but power on resets to 14 Hex. Table 2 Output as a function of M1/M2 and DMSEL. Table 3 Port 2 control. Table 4 SSWIT signal states and function.(1) Note 1. Where x = don’t care. DMSEL M1/M2 FUNCTION 0 0 selects DIGITAL; L = M2, R = M2 0 1 selects DIGITAL; L = M1, R = M1 1 0 selects DIGITAL; L = M2, R = M1 1 1 selects DIGITAL; L = M1, R = M2 PORT2 PIN OUTPUT STATE 0 LOW 1 HIGH SSWIT3 SSWIT2 SSWIT1 FUNCTION 0 0 0 NICAM source de-emphasis switched out, no gain 0 0 1 NICAM source de-emphasis switched in, no gain 0 1 0 NICAM source de-emphasis switched in, −6 dB gain; power-on reset state 0 1 1 NICAM source de-emphasis switched in, +12 dB gain 1 x 0 external inputs switched in, no change to previous de-emphasis/gain setting 1 x 1 FM inputs switched in, no change to previous de-emphasis/gain setting |