전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PQ010FZ01ZP 데이터시트(PDF) 9 Page - Sharp Corporation

부품명 PQ010FZ01ZP
상세설명  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ01ZP 데이터시트(HTML) 9 Page - Sharp Corporation

Back Button PQ010FZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 9Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
Fig.34 Typical Application
Fig.35 Power Dissipation vs. Ambient
Temperature (Typical Value)
1
3
2
5
4
VO
VIN
CIN
DC input
CO
+
Load
ON/OFF signal
High:Output ON
Low or open:Output OFF
VB
0
1
2
3
–20
0
20
40
60
80
Cu area 740mm2
Cu area 100mm2
Cu area 180mm2
Cu area 70mm2
Cu area 36mm2
Ambient temperature Ta (
°C)
Material
: Glass-cloth epoxy resin
Size
: 50
×50×1.6mm
Cu thickness : 35
µm
PWB
PWB
Cu



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com